PART |
Description |
Maker |
STM32F372XX STM32F373CC STM32F373RB STM32F373R8 ST |
ARM Cortex-M4F 32b MCU FPU, up to 256KB Flash 32KB SRAM timers ARM Cortex-M4F 32b MCU FPU, up to 256KB Flash 32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
|
STMicroelectronics
|
STM32F303VCT6 |
ARM Cortex-M4 32b MCU FPU, up to 256KB Flash 48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
|
STMicroelectronics
|
STM32F407XX STM32F405XX STM32F405XX12 STM32F405RGT |
ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
STMicroelectronics
|
STM32F437II |
ARM Cortex-M4 32b MCU FPU, 225DMIPS, up to 2MB Flash/256 4KB RAM, crypto, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera&LCD-TFT
|
STMicroelectronics
|
STM32F429NG STM32F427VI STM32F427AI STM32F429BI ST |
ARM Cortex-M4 32b MCU FPU, 225DMIPS, up to 2MB Flash/256 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
|
STMicroelectronics
|
STM32F439BG STM32F439AIH6 STM32F439ZG STM32F439ZGT |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, HW crypto, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbyes Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU ith 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM
|
ST Microelectronics
|
STM32F373VBH6 STM32F373RCT6 STM32F373RCT6TR STM32F |
Analog and DSP with FPU ARM Cortex-M4 MCU with 128 KBytes Flash, 72 MHz CPU, MPU, 16-bit ADC comparators Analog and DSP with FPU ARM Cortex-M4 MCU with 256 KBytes Flash, 72 MHz CPU, MPU, 16-bit ADC comparators Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU, MPU, 16-bit ADC, comparators
|
ST Microelectronics
|
STM32F302VBT6 STM32F302VBT6TR |
Analog and DSP with FPU ARM Cortex-M4 MCU with 128 Kbytes Flash, 72 MHz CPU, MPU, CCM, 12-bit ADC 5 MSPS, PGA, comparators
|
ST Microelectronics
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
STM32F042F4P6 STM32F042F4P6TR STM32F042F6 STM32F04 |
Enry-level ARM Cortex-M0 MCU with 16 Kbytes Flash, 48 MHz CPU, USB, CAN and CEC functions Entry-level ARM Cortex-M0 MCU with 32 Kbytes Flash, 48 MHz CPU, USB, CAN and CEC functions
|
ST Microelectronics
|
STM32F101T6U6A VFQFPN36 LQFP48 LQFP64 STM32F101C6T |
Mainstream Access line, ARM Cortex-M3 MCU with 16 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces Mainstream Access line, ARM Cortex-M3 MCU with 32 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics ST Microelectronics
|
LPC1820FET100 |
32-bit ARM Cortex-M3 MCU??kB flash, 168kB SRAM, TFBGA100 package
|
NXP Semiconductors N.V.
|
|